Part Number Hot Search : 
BUT11 M74HCT86 AD75100I SE5552N SMA22 MV57621 E0026 6NA60
Product Description
Full Text Search
 

To Download APD2520PBCA03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4.5x2mm SMD CHIP LED LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APD2520PBC/A03
BLUE
Features
4.5x2mm SMT LED,0.5mm THICKNESS LOW POWER CONSUMPTION. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 1000PCS/REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAG5703 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP:1203004747
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APD2520PBC/A03 BLUE (InGaN) WATER CLEAR 70 Typ. 200 Viewing Angle [1] 21/2 20
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Blue Blue Blue Blue Blue Blue Device Typ. 468 470 21 100 3.3 3.8 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue 114 30 100 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAG5703 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP:1203004747
Blue
APD2520PBC/A03
SPEC NO: DSAG5703 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP:1203004747
APD2520PBC/A03
Recommended Soldering Pattern (Units : mm;Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAG5703 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP:1203004747
PACKING & LABEL SPECIFICATIONS
APD2520PBC/A03
SPEC NO: DSAG5703 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP:1203004747


▲Up To Search▲   

 
Price & Availability of APD2520PBCA03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X